Part Number Hot Search : 
3843AM 97A37 97A37 32M100V8 BAV23S TA78L08S S93C46 TA78L08S
Product Description
Full Text Search
 

To Download APC3216EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
APC3216EC HIGH EFFICIENCY RED
Features
!3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS !PACKAGE
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0995 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 4
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . APC3216EC HIGH EFFICIENCY RED(GaAsP/GaP) WATER CLEAR 4 Ty p . 12 V i ew i n g An g l e 21/2 12 0
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength D ev i c e High Efficiency Red High Efficiency Red Ty p . 6 27 6 25 45 15 2.0 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA V F=0V;f =1MHz I F =20mA V R = 5V
Spectral Line Half-width High Efficiency Red Capacitance Forward Voltage Reverse Current High Efficiency Red High Efficiency Red High Efficiency Red
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
H i g h E f f i c i e n c y R ed 105 30 160 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAD0995 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 4
High Efficiency Red
APC3216EC
SPEC NO: DSAD0995 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 4
APC3216EC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0995 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APC3216EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X